|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET SL12~SL14 LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SMA/DO-214AC CURRENT 1.0 Amperes VOLTAGE 20~40 Volts FEATURES * Plastic package has Underwriters Laboratory Flammability Classification 94V-O * For surface mounted applications * Low profile package * Built-in strain relief * Metal to silicon rectifier. majority carrier conduction * Low power loss,high efficiency * High surge capacity * High current capacity ,low V F * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications. F * High temperature soldering guatanteed : 260 OC / 10 seconds at teminals Pb free product are available : 99% Sn above can meet Rohs environment substance directive request Unit: inch (mm) .062(1.60) .055(1.20) .181(4.60) .157(4.00) . .012(.305) .006(.152) .096(2.44) .078(2.00) MECHANICAL DATA Case: JEDEC DO-214AC molded plastic Terminals:Solder plated, solderable per MIL-STD-202G, Method 208 Polarity: Color band denotes positive end (cathode) Standard packaging: 12mm tape (EIA-481) Weight: 64mg .060(1.52) .030(0.76) .008(.203) .002(.051) .208(5.28) .188(4.80) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load. PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current at TL ( See Figure 1 ) Peak Forw ard Surge Current :8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A (Note 1) Maximum DC Reverse Current TA=25J at Rated DC Blocking Voltage TA=100J Typical Thermal Resistance (Note 2) Operating Junction and Storage Temperature Range SYMBOL V RRM V RMS V DC I AV I FSM VF IR R JL R JA T J ,T STG SL12 20 14 20 SL13 30 21 30 1.0 30 SL14 40 28 40 .114(2.90) .098(2.50) UNITS V V V A A 0.38 0.38 0.5 50 28 88 - 50 to + 125 0.40 V mA J/ W J NOTES: A.Pulse Test with PW =300 sec, 1% Duty Cycle. B.Mounted on P.C. Board with 5.0mm 2 (.013mm thick) copper pad areas. STAD-JAN.06.2005 PAGE . 1 RATING AND CHARACTERISTIC CURVES INSTANTANEOUS FORWARD CURRENT 50 AVERAGE FOR WARDCURRENT AMPERES 1.0 10 .75 .50 SINGLEPHASE HALF WAVE60Hz RESISTIVEORINDUCTIVEOAD L P .C.BMOUNTED ON0.2X 0.2"( 5.0X 5.0mm) COPPER PADAREAS , AMPERES 1.0 .25 0 0 20 40 60 80 100 O TJ = 25 C PulseWidth= 300ms 1%DutyCycle 0.1 O 120 140 .1 .2 .3 .4 .5 .6 .7 .8 .9 1.0 LEAD TEMPERATURE, C INSTANTANEOUS FOR WARD VOLTAGE, VOLTS Fig.1-FORWARD CURRENTDERATING CURVE Fig.2-TYPICALINSTANTANEOUSFORWARD CHARACTERISTIC 1000 CAPACITANCE,pF 100 TJ = 25 C O 10 0.1 1.0 10 100 REVERSE VOLTAGE,VOLTS Fig.3-TYPICAL JUNCTION CAPACITANCE PEAK FORWARD SURGE CURRENT , AMPERES 30 25 20 15 10 5 0 1 10 NUMBEROFCYCLEAT 60HZ 100 Fig.4-MAXIMUMNON-REPETITIVEPEAK FORWARD SURGE CURRENT STAD-JAN.06.2005 PAGE . 2 |
Price & Availability of SL1205 |